Part Number Hot Search : 
S9006K ER3461 224002 RX5VT AMP01FX ATA6824 34WECAK ECCM1
Product Description
Full Text Search
 

To Download SPGP0565A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s p january 2011 p gp0565a- pr e SPGP0565A ver : preliminary_2 ( semihow power switch ) e liminary ? variable frequency operation ? low start-up current(typ.100ua ) ? pulse by pulse current limiting ? over current protection ? over voltage protection (min. 20) ? features application ? smps for stb, svr, dvd & dvcd ? smps for printer, facsimile & scanner ? adaptor ? ? under voltage lockout ? internal high voltage sense fet ? auto-restart mode ? frequency modulation for low emi ? advanced burst-mode operation the semihow power switch product family is specially desi gned for an off-line smps with minimal external components. the semihow power switch consists of a high voltage power sensefet and a current mode pwm ic. it has a basic platform well suited for the cost effective design in either a flyback converter description internal block diagram semihow rev.plimilary january 2011 www.datasheet.net/ datasheet pdf - http://www..co.kr/
s p absolute maximum ratings p gp0565a- pr e symbol parameter value units v dss drain-source voltage 650 v i d drain current ? continuous (t c = 25 ) 5.0 a drain current ? continuous ( t c = 100 ) 3.5 a ta=25 ? c, unless otherwise specified e liminary ( c ) a v gs gate-source voltage 30 v e as single pulsed avalanche energy (note 2) 406 mj v cc(max) maximum supply voltage 20 v v fb analog input voltage range -0.3 to v sd v p power dissipation (t c = 25 ) 93 w p d - derate above 25 0.74 w/ t j operating junction temperature +160 t a operating ambient temperature -25 to +85 t stg storage temperature range -55 to +150 notes : 1 repetitive rating : pulse width limited by maximum junction temperature 1 . repetitive rating : pulse width limited by maximum junction temperature 2 . l=30mh, i as =5.0a , v dd =50v, r g =25 ? , starting t j =25 ? c semihow rev.plimilary january 2011 www.datasheet.net/ datasheet pdf - http://www..co.kr/
s p electrical characteristics ( sensefet part ) p gp0565a- pr e symbol parameter test conditions min typ max units r ds(on) static drain-source on-resistance v gs = 10 v, i d = 2.5 a -- 1.35 1.69 ? on characteristics ta=25 ? c, unless otherwise specified e liminary bv dss drain-source breakdown voltage v gs = 0 v, i d = 50 ? 650 -- -- v i dss zero gate voltage drain current v ds = 650 v, v gs = 0 v -- -- 50 ? v ds = 520 v, t c = 125 -- -- 200 ? off characteristics c iss input capacitance -- 900 1200 ? dynamic characteristics c iss input capacitance v ds = 25 v, v gs = 0 v, f = 1.0 mhz 900 1200 ? ? c rss reverse transfer capacitance -- 11 14.5 ? t d(on) turn-on time v ds = 325 v, i d = 5.0 a, r g = 25 ? -- 25 -- ? t r turn-on rise time -- 25 -- ? t d( ff) turn - off delay time -- 100 -- ? switching characteristics (note 4,5) t d( o ff) turn off delay time 100 ? ? q g total gate charge v ds = 325v, i d = 5.0 a, v gs = 10 v (note 4,5) -- 18 24 nc q gs gate-source charge -- 4.0 -- nc q gd gate-drain charge -- 6.0 -- nc notes : 1. pulse test : pulse width 300 s, duty cycle 2% 2. r s 1 ? semihow rev.plimilary january 2011 www.datasheet.net/ datasheet pdf - http://www..co.kr/
s p electrical characteristics ( control part ) p gp0565a- pr e symbol parameter test conditions min typ max units v start start threshold voltage v fb = gnd 14 15 16 v v st th h ld v lt v gnd 84 9 96 9 uvlo section ta=25 ? c, unless otherwise specified e liminary v stop st op th res h o ld v o lt age v fb = gnd 8 . 4 9 9 . 6 v khz -- frequency change with temperature (note 2) -25 c ? ta ? +85 c-- ? 5 ? 10 % d max maximum duty cycle 73 77 82 % oscillator section i fb feedback source current ta=25 c, 0v6.5v 5.4 6 6.6 v i delay shutdown delay current ta=25 c, 5v ? vfb ? v sd 456 ma feedback section reference section v ref reference output voltage (note 1) ta=25 c 4.8 5 5.2 v vref/ ? t temperature stability (note 1 , 2) -25 c ? ta ? +85 c--0.30.6mv/ c i over peak current limit max. inductor current 3.2 3.6 4.0 a protection section v ovp over voltage protection v cc ?? 20v 20 -- 23 v thermal shutdown temperature t sd thermal shutdown temperature (tj) (note 1) -- 140 160 -- c protection section i start start-up current v cc = 14v -- 100 170 ?? i op operating supply current (control part only) v cc ?? 20v -- 3 6 ma notes : 1. these parameters, although guaranteed, are not 100% tested in production 2. these parameters, although guaranteed, are tested in eds(water test) process semihow rev.plimilary january 2011 www.datasheet.net/ datasheet pdf - http://www..co.kr/
s p (SPGP0565A) typical characteristics ( sensefet part ) p gp0565a- pr e 10 1 v gs top : 15.0 v 10.0 v 8.0 v 7.0 v 6.0 v 5.5 v 5.0 v bottom : 4.5 v current [a] 1 10 i n current [a] 150 o c e liminary figure 1. on region characteristics figure 2. transfer characteristics 10 0 10 1 10 0 * notes : 1. 300us pulse test 2. t c = 25 o c i d , drain v ds , drain-source voltage [v] 246810 0.1 -25 o c 25 o c * notes : 1. v ds = 30v 2. 300us pulse test v gs , gate-source voltage [v] i d , dra i 2 3 v gs = 10v d s(on) [ ? ], c e on-resistance 1 10 e drain current [a] figure 3. on resistance variation vs drain current and gate voltage figure 4. body diode forward voltage v ariation with source current 0123456 0 1 v gs = 20v ? note : t j = 25 o c r d drain-sour c i d , drain current [a] 0.40.60.81.01.2 0.01 0.1 25 o c * notes : 1. v gs = 0v 2. 300us pulse test v sd , source-drain voltage [v] i dr , revers e 150 o c drain current and gate voltage and temperature 60 0 800 1000 1200 1400 c iss = c gs + c gd (c ds = shorted) c oss = c ds + c gd c rss = c gd c oss c iss t ances [pf] 6 8 10 12 v ds = 325v v ds = 130v v ds = 520v s ource voltage [v] figure 5. capacitance characteristics fi gure 6. gate charge characteristics 10 -1 10 0 10 1 0 200 400 * note ; 1. v gs = 0 v 2. f = 1 mhz c rss capaci t v ds , drain-source voltage [v] 0 4 8 121620 0 2 4 * note : i d = 5.0a v gs , gate- s q g , total gate charge [nc] semihow rev.plimilary january 2011 www.datasheet.net/ datasheet pdf - http://www..co.kr/
s p (SPGP0565A) typical characteristics ( sensefet part ) (continued) p gp0565a- pr e 1.0 1.1 1.2 (normalized) breakdown voltage 1.5 2.0 2.5 (normalized) c e on-resistance e liminary -100 -50 0 50 100 150 200 0.8 0.9 ?? note : 1. v gs = 0 v 2. i d = 250 ? a bv dss , drain-source t j , junction temperature [ o c] -100 -50 0 50 100 150 200 0.0 0.5 1.0 ? note : 1. v gs = 10 v 2. i d = 2.5 a r ds(on) , drain-sour c t j , junction temperature [ o c] figure 7. breakdown voltage variation vs temperature figure 8. on-resistance variation vs temperature vs temperature vs temperature 10 0 10 1 10 2 100 ms dc 10 ms 1 ms 100 ? s operation in this area is limited by r ds(on) current [a] 3 4 5 n current [a] figure 9. maximum safe operating area figure 10. maximum drain current vs case tem p erature 10 0 10 1 10 2 10 3 10 -2 10 -1 * notes : 1. t c = 25 o c 2. t j = 150 o c 3. single pulse i d , drain v ds , drain-source voltage [v] 25 50 75 100 125 150 0 1 2 i d , drai n t c , case temperature [ o c] 10 -1 10 0 * n otes : 1. z ? jc (t) = 1.34 o c/w max. 2. d uty f actor, d = t 1 /t 2 3. t jm - t c = p dm * z ? jc (t) d=0.5 0.2 0.05 0.1 r mal response p 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 single pulse 0.02 0.01 z ? jc (t), the r t 1 , s quare w ave p ulse d uration [sec] figure 11. transient thermal response curve t 2 t 1 p dm semihow rev.plimilary january 2011 www.datasheet.net/ datasheet pdf - http://www..co.kr/
s p typical performance characteristics ( control part ) (continued) (these characteristic graphs are normalized at ta=25 ? c) p gp0565a- pr e 0.90 0.95 1.00 1.05 1.10 1.15 1.20 fosc 0.90 0.95 1.00 1.05 1.10 1.15 1.20 ifb e liminary figure 1. operating frequency figure 2. feedback source current -25 0 25 50 75 100 125 150 0.80 0.85 -25 0 25 50 75 100 125 150 0.80 0.85 1.15 1.20 1.8 2.0 -25 0 25 50 75 100 125 150 0.80 0.85 0.90 0.95 1.00 1.05 1.10 iop figure 3 operating supply current figure 4 start up current -25 0 25 50 75 100 125 150 0.4 0.6 0.8 1.0 1.2 1.4 1.6 istart 0.95 1.00 1.05 1.10 1.15 1.20 vstart 0.95 1.00 1.05 1.10 1.15 1.20 vstop figure 3 . operating supply current figure 4 . start up current -25 0 25 50 75 100 125 150 0.80 0.85 0.90 -25 0 25 50 75 100 125 150 0.80 0.85 0.90 1.20 figure 5. start threshold voltage figure 6. stop threshold voltage -25 0 25 50 75 100 125 150 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 vovp semihow rev.plimilary january 2011 figure 7. over voltage protection www.datasheet.net/ datasheet pdf - http://www..co.kr/
s p package dimension p gp0565a- pr e e liminary semihow rev.plimilary january 2011 www.datasheet.net/ datasheet pdf - http://www..co.kr/


▲Up To Search▲   

 
Price & Availability of SPGP0565A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X